Part Number Hot Search : 
G5U1118 WL102B 225NY 15M75 LTC31 001SMB LCE17A 1N6303
Product Description
Full Text Search
 

To Download D25SB10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  D25SB10 ~ D25SB100 100 v ~ 1000 v 25.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 06-aug-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen-free and rohs compliant features ? plastic package has underwriters laboratory flammability classification 94v-0 ? this series is ul listed under the recognized component index, file number e231047 ? single-in-line package ? high current capacity with small package ? superior thermal conductivity ? high temperature soldering guaranted 260c / 10 seconds ? high ifsm maximum ratings (t a =25 unless otherwise noted) parameters symbol part numbers units d25sb 10 d25sb 20 d25sb 40 d25sb 60 d25sb 80 d25sb 100 rbv 2502s rbv 2503s rbv 2504s rbv 2505s rbv 2506s rbv 2507s maximum repetitive voltage v rm 100 200 400 600 800 1000 v maximum dc reverse current at rated dc blocking voltage @t a =25c i r 10 ? a @t a =125c 500 a verage rectified forward current 60hz sine wave resistance load @t c =98c i o 25 (1) a @t a =25c 3.5 (2) peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 350 a maximum instantaneous forward voltage @ 12.5a v f 1.1 v dielectric strength terminals to case, a c 1 minute current 1ma vdia 2.5 kv maximum thermal resistance per leg on p.c.b without heat-sink r ja 22 (2) c / w on ai plate heat-sink r jc 1.0 (1) operating and storage temperature range t j , t stg 150 , -40 ~ 150 c mounting torque tor rating torque 0.8n.m n.m notes (1) unit case mounted on ai plate heat-sink (2) unites mounted on p.c.b. without heat-sink (3) recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw {heat-sink size 12.4 * 15.2 * 12.8cm} d5-25sb ref. millimete r ref. millimete r min. max. min. max. a 29.7 30.3 k 2.6 2.8 b 19.7 20.3 l 7.3 7.7 c4.4 4.8 n2.32.7 d 17.0 18.0 p 0.9 1.1 e 0.6 0.8 o 2.0 2.4 g 5 ref. r 3 x 45 j 3.4 3.8 s 9.8 10.2 f 3.3 3.7 h 10.8 11.2 g m l s l o n r p b h f j c k e d a
D25SB10 ~ D25SB100 100 v ~ 1000 v 25.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 06-aug-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of D25SB10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X